Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N65L-T2Q-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N65L-T2Q-T
Description  12A, 650V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N65L-T2Q-T Datasheet(HTML) 3 Page - Unisonic Technologies

  12N65L-T2Q-T Datasheet HTML 1Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 2Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 3Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 4Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 5Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 6Page - Unisonic Technologies 12N65L-T2Q-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-583.B
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650 V, VGS = 0 V
1
µA
Gate-Source Leakage Current
IGSS
VGS = ±30 V, VDS = 0 V
±100
nA
Breakdown Voltage Temperature Coefficient
BV
DSS/△TJ
ID=250µA,Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6.0A
0.65 0.85
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25 V, VGS = 0 V,
f = 1MHz
1480 1900
pF
Output Capacitance
COSS
200 270
pF
Reverse Transfer Capacitance
CRSS
25
35
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 325V, ID = 12A,
RG = 25Ω (Note 1, 2)
30
70
ns
Turn-On Rise Time
tR
115 240
ns
Turn-Off Delay Time
tD(OFF)
95
200
ns
Turn-Off Fall Time
tF
85
180
ns
Total Gate Charge
QG
VDS= 520V,ID= 12A,
VGS= 10 V (Note 1, 2)
42
54
nC
Gate-Source Charge
QGS
8.6
nC
Gate-Drain Charge
QGD
21
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 12A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
12
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
48
A
Reverse Recovery Time
tRR
VGS = 0 V, IS = 12A,
dIF/dt = 100 A/µs (Note 1)
380
ns
Reverse Recovery Charge
QRR
3.5
µC
Notes: 1. Pulse Test : Pulse width ≤300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature.


Similar Part No. - 12N65L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65L-T2Q-T UTC-12N65L-T2Q-T Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - 12N65L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
   N-Channel Power MOSFET (650V,12A)
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
   650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
   650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
   12A, 650V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
   650V, 12A N-Channel MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
   MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
logo
Jiangsu Donghai Semicon...
E12N65 WXDH-E12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
I12N65 WXDH-I12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
12N65 WXDH-12N65 Datasheet
891Kb / 11P
   12A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com