Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N60G-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 12N60G-TF3-T
Description  12A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60G-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  12N60G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 6Page - Unisonic Technologies 12N60G-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-170.I
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
12
A
Drain Current
Continuous
ID
12
A
Pulsed (Note 2)
IDM
48
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
790
mJ
Repetitive (Note 2)
EAR
24
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220 / TO-262
PD
225
W
TO-220F / TO-220F1
51
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 10mH, IAS = 12A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 12A, di/dt ≤200A/s, VDD ≤BVDSS Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220 / TO-262
θJC
0.56
°C/W
TO-220F/TO-220F1
2.43
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
1
µA
Gate-Source Leakage Current
IGSS
VGS = ±30 V, VDS = 0 V
±100 nA
Breakdown Voltage Temperature Coefficient
BV
DSS/△TJ
ID=250µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6.0A
0.6
0.8
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25 V, VGS = 0 V,
f = 1MHz
1480 1900 pF
Output Capacitance
COSS
200
270
pF
Reverse Transfer Capacitance
CRSS
25
35
pF
Gate Resistance
RG
VDS =0V, VGS =0V, f =1MHz
0.2
1.2


Similar Part No. - 12N60G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60G-TF3-T UTC-12N60G-TF3-T Datasheet
379Kb / 8P
   N-CHANNEL JUNCTION FET
More results

Similar Description - 12N60G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
   600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
   600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
   600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
   600V,12A N-Channel MOSFET
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
   600V,12A N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
F12N60 WXDH-F12N60 Datasheet
898Kb / 11P
   12A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com