Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62UV256PCP10 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62UV256PCP10
Description  Ultra Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256PCP10 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62UV256PCP10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 9Page - Brilliance Semiconductor BS62UV256PCP10 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BS62UV256
R0201-BS62UV256
Revision
2.7
Oct.
2008
6
AC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
WRITE CYCLE
CYCLE TIME : 100ns CYCLE TIME : 150ns
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tWC
Write Cycle Time
100
--
--
150
--
--
ns
tAVWH
tAW
Address Valid to End of Write
100
--
--
150
--
--
ns
tE1LWH
tCW
Chip Select to End of Write
100
--
--
150
--
--
ns
tWLWH
tWP
Write Pulse Width
50
--
--
80
--
--
ns
tAVWL
tAS
Address Set up Time
0
--
--
0
--
--
ns
tWHAX
tWR
Write Recovery Time
(CE, WE)
0
--
--
0
--
--
ns
tWLQZ
tWHZ
Write to Output High Z
--
--
30
--
--
30
ns
tDVWH
tDW
Data to Write Time Overlap
40
--
--
40
--
--
ns
tWHDX
tDH
Data Hold from Write Time
0
--
--
0
--
--
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
--
--
30
--
--
30
ns
tWHQX
tOW
End of Write to Output Active
5
--
--
5
--
--
ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE 1
(1)
tWC
tWR
(3)
tCW
(11)
tWP
(2)
tAW
tOHZ
(4,10)
tAS
tDH
tDW
DIN
DOUT
WE
CE
OE
ADDRESS
(5)


Similar Part No. - BS62UV256PCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256PCP10 BSI-BS62UV256PCP10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256PCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_06 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256 Datasheet
331Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com