Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV8001FIP55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV8001FIP55
Description  Very Low Power CMOS SRAM 1M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV8001FIP55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV8001FIP55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV8001FIP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Very Low Power CMOS SRAM
1M X 8 bit
BS62LV8001
R0201-BS62LV8001
Revision
2.4
Oct.
2008
1
Pb-Free and Green package materials are compliant to RoHS
FEATURES
Wide VCC operation voltage : 2.4V ~ 5.5V
Very low power consumption :
VCC = 3.0V
Operation current : 31mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
4/8uA (Max.) at 70/85
OC
VCC = 5.0V
Operation current : 76mA (Max.) at 55ns
10mA (Max.) at 1MHz
Standby current :
25/50uA (Max.) at 70/85
OC
High speed access time :
-55
55ns (Max.) at VCC : 3.0~5.5V
-70
70ns (Max.) at VCC : 2.7~5.5V
Automatic power down when chip is deselected
Easy expansion with CE1, CE2 and OE options
Three state outputs and TTL compatible
Fully static operation
Data retention supply voltage as low as 1.5V
DESCRIPTION
The BS62LV8001 is a high performance, very low power CMOS
Static Random Access Memory organized as 1,048,576 by 8 bits
and operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with maximum CMOS standby
current of 8/50uA at Vcc=3/5V at 85
OC and maximum access time of
55/70ns.
Easy memory expansion is provided by an active LOW chip enable
(CE1), an active HIGH chip enable (CE2), and active LOW output
enable (OE) and three-state output drivers.
The BS62LV8001 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS62LV8001 is available in DICE form, JEDEC standard 44-pin
TSOP II and 48-ball BGA package.
POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5.0V
VCC=3.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V
VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS62LV8001DC
DICE
BS62LV8001EC
TSOP II-44
BS62LV8001FC
Commercial
+0
OC to +70OC
25uA
4.0uA
9mA
39mA
75mA
1.5mA
19mA
30mA
BGA-48-0912
BS62LV8001EI
TSOP II-44
BS62LV8001FI
Industrial
-40
OC to +85OC
50uA
8.0uA
10mA
40mA
76mA
2mA
20mA
31mA
BGA-48-0912
PIN CONFIGURATIONS
BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
A4
A3
A2
A1
A0
CE1
NC
NC
DQ0
DQ1
VCC
VSS
DQ2
DQ3
NC
NC
WE
A19
A18
A17
A16
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS62LV8001EC
BS62LV8001EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
CE2
A8
NC
NC
DQ7
DQ6
VSS
VCC
DQ5
DQ4
NC
NC
A9
A10
A11
A12
A13
A14
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
A19
A12
A14
A13
A15
WE
NC
NC
NC
DQ7
A17
A16
A7
VSS
VCC
DQ2
DQ1
DQ6
DQ5
NC
A5
OE
A3
A0
A6
A4
A1
A2
CE2
NC
NC
NC
CE1
DQ4
NC
48-ball BGA top view
NC
NC
DQ0
VSS
VCC
DQ3
NC
A18
NC
A8
Address
Input
Buffer
Row
Decoder
Memory Array
2048 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A8
A2 A1 A0 A10
Data
Input
Buffer
Control
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
18
512
4096
2048
22
A9
A11
Data
Output
Buffer
A3
CE1
CE2
WE
OE
VCC
VSS
A19


Similar Part No. - BS62LV8001FIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001FIP55 BSI-BS62LV8001FIP55 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001FIP55 BSI-BS62LV8001FIP55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
More results

Similar Description - BS62LV8001FIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com