Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N60 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 12N60
Description  12A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60 Datasheet(HTML) 6 Page - Unisonic Technologies

  12N60_12 Datasheet HTML 1Page - Unisonic Technologies 12N60_12 Datasheet HTML 2Page - Unisonic Technologies 12N60_12 Datasheet HTML 3Page - Unisonic Technologies 12N60_12 Datasheet HTML 4Page - Unisonic Technologies 12N60_12 Datasheet HTML 5Page - Unisonic Technologies 12N60_12 Datasheet HTML 6Page - Unisonic Technologies 12N60_12 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-170.I
TYPICAL CHARACTERISTICS
-55°C
25°C
101
100
10-1
24
6
8
10
Gate-Source Voltage, VGS (V)
Transfer Characteristics
Notes:
250µs Pulse Test
TC=25°C
Top:
VGS
15V
10V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
101
100
10-1
100
101
Drain-Source Voltage, VGS (V)
On-Resign Characteristics
150°C
Notes:
1.VDS=50V
2.250µs Pulse Test


Similar Part No. - 12N60_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_15 Datasheet
379Kb / 8P
   N-CHANNEL JUNCTION FET
More results

Similar Description - 12N60_12

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
   600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
   600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
   600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
   600V,12A N-Channel MOSFET
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
   600V,12A N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
F12N60 WXDH-F12N60 Datasheet
898Kb / 11P
   12A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com