Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV1611 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV1611
Description  Very Low Power CMOS SRAM 1M X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1611 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV1611_08 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1611_08 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BS616LV1611
R0201-BS616LV1611
Revision
2.4
Oct.
2008
3
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 7.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. –2.0V in case of AC pulse width less than 30 ns.
OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
2.4V ~ 5.5V
Industrial
-40
OC to + 85OC
2.4V ~ 5.5V
CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
DC ELECTRICAL CHARACTERISTICS (TA = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNITS
VCC
Power Supply
2.4
--
5.5
V
VIL
Input Low Voltage
-0.5
(2)
--
0.8
V
VIH
Input High Voltage
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC,
CE1 = VIH or CE2 = VIL
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC
,
CE1 = VIH or CE2 = VIL or OE = VIH
--
--
1
uA
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
--
--
0.4
V
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
2.4
--
--
V
VCC=3.0V
46
ICC
(5)
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH,
IDQ = 0mA, f = FMAX
(4)
VCC=5.0V
--
--
115
mA
VCC=3.0V
2
ICC1
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH,
IDQ = 0mA, f = 1MHz
VCC=5.0V
--
--
10
mA
VCC=3.0V
1.0
ICCSB
Standby Current – TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
VCC=5.0V
--
--
2.0
mA
VCC=3.0V
1.5
16
ICCSB1
(6)
Standby Current – CMOS
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=5.0V
--
6.0
100
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. ICC (MAX.) is 45mA/113mA at VCC=3.0V/5.0V and TA=70
OC.
6. ICCSB1(MAX.) is 8.0uA/50uA at VCC=3.0V/5.0V and TA=70
OC.


Similar Part No. - BS616LV1611_08

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616LV1611_08

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com