Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGQ971 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LGQ971
Description  CHIPLED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGQ971 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LGQ971 Datasheet HTML 1Page - Siemens Semiconductor Group LGQ971 Datasheet HTML 2Page - Siemens Semiconductor Group LGQ971 Datasheet HTML 3Page - Siemens Semiconductor Group LGQ971 Datasheet HTML 4Page - Siemens Semiconductor Group LGQ971 Datasheet HTML 5Page - Siemens Semiconductor Group LGQ971 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
1998-08-28
LG Q971
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
–30 ... + 85
°C
Lagertemperatur
Storage temperature range
T
stg
–40 ... + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
+95
°C
Durchlaßstrom
Forward current
I
F
20
mA
Stoßstrom
Surge current
t
p ≤ 10 µs, D = 0.005
I
FM
0.1
A
Sperrspanung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
55
mW
Wärmewiderstand
Sperrschicht / Umgebung
Thermal resistance
Junction / air
R
th JA
800
K/W


Similar Part No. - LGQ971

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGQ971 OSRAM-LGQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LGQ971

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
   Blue ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
   Multi CHIPLED
LG-R971-KN-1 OSRAM-LG-R971-KN-1 Datasheet
394Kb / 20P
   CHIPLED 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com