Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11N50L-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 11N50L-TF3-T
Description  11A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N50L-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  11N50L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 11N50L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 11N50L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 11N50L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 11N50L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 11N50L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-462.c
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
500
V
Gate to Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25°C
ID
11 (Note 2)
A
TC=100°C
7 (Note 2)
A
Pulsed Drain Current (Note 3)
IDM
44 (Note 2)
A
Single Pulsed Avalanche Energy(Note 4)
EAS
670
mJ
Peak Diode Recovery dv/dt (Note 5)
dv/dt
4.5
V/ns
Power Dissipation
TC=25°C
TO-220
PD
195
W
TO-220F1
48
TO-220F
147
Derate above
25°C
TO-220
1.56
W/°C
TO-220F1
0.39
TO-220F
1.18
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating : Pulse width limited by maximum junction temperature
4. L=10mH, IAS=11A, VDD= 50V, RG=25Ω, Starting TJ=25°C
5. ISD ≤11A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220
θJC
0.64
°C/W
TO-220F1
2.58
TO-220F
0.85


Similar Part No. - 11N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50L-TF3-T UTC-11N50L-TF3-T Datasheet
177Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 11N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNJ ROHM-R5011FNJ Datasheet
3Mb / 14P
   Nch 500V 11A Power MOSFET
logo
Unisonic Technologies
11N80 UTC-11N80 Datasheet
165Kb / 4P
   11A, 812V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com