Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N75 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 10N75
Description  10A, 750V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N75 Datasheet(HTML) 2 Page - Unisonic Technologies

  10N75 Datasheet HTML 1Page - Unisonic Technologies 10N75 Datasheet HTML 2Page - Unisonic Technologies 10N75 Datasheet HTML 3Page - Unisonic Technologies 10N75 Datasheet HTML 4Page - Unisonic Technologies 10N75 Datasheet HTML 5Page - Unisonic Technologies 10N75 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10N75
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-501.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
750
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
10
A
Pulsed (Note 2)
IDM
40
A
Avalanche Current (Note 2)
IAR
10
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
920
mJ
Repetitive (Note 2)
EAR
24
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-220
PD
156
W
TO-220F/TO-220F1
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=17.3mH, IAS=10A, VDD= 50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤10A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-220F/TO-220F1
62.5
°C/W
Junction to Case
TO-220
θJC
0.8
°C/W
TO-220F/TO-220F1
2.5
°C/W


Similar Part No. - 10N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N75 UTC-10N75 Datasheet
164Kb / 6P
   10 Amps, 750 Volts N-CHANNEL POWER MOSFET
10N75G-TA3-T UTC-10N75G-TA3-T Datasheet
164Kb / 6P
   10 Amps, 750 Volts N-CHANNEL POWER MOSFET
10N75G-TF1-T UTC-10N75G-TF1-T Datasheet
164Kb / 6P
   10 Amps, 750 Volts N-CHANNEL POWER MOSFET
10N75G-TF3-T UTC-10N75G-TF3-T Datasheet
164Kb / 6P
   10 Amps, 750 Volts N-CHANNEL POWER MOSFET
10N75L-TA3-T UTC-10N75L-TA3-T Datasheet
164Kb / 6P
   10 Amps, 750 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 10N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
   7.0A, 750V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
   10A 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
Unisonic Technologies
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N50_1109 UTC-10N50_1109 Datasheet
179Kb / 6P
   10A, 500V N-CHANNEL POWER MOSFET
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com