Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA92 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA92
Description  HIGH VOLTAGE PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA92 Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA92_09 Datasheet HTML 1Page - Unisonic Technologies MMBTA92_09 Datasheet HTML 2Page - Unisonic Technologies MMBTA92_09 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA92
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-005,D
HIGH VOLTAGE PNP
TRANSISTOR
DESCRIPTION
The UTC MMBTA92 are high voltage PNP transistors, designed
for telephone signal switching and for high voltage amplifier.
FEATURES
* High Collector-Emitter voltage: VCEO=-300V
* Collector Dissipation: PC(MAX)=350mW
Lead-free:
MMBTA92L
Halogen-free:MMBTA92G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
MMBTA92-AE3-R MMBTA92L-AE3-R MMBTA92G-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING


Similar Part No. - MMBTA92_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA92-13-F DIODES-MMBTA92-13-F Datasheet
355Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
logo
Guangdong Kexin Industr...
MMBTA92-3 KEXIN-MMBTA92-3_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
Diodes Incorporated
MMBTA92-7 DIODES-MMBTA92-7 Datasheet
52Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30060 Rev. 5 - 2
MMBTA92-7-F DIODES-MMBTA92-7-F Datasheet
342Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30060 Rev. 10 - 2
MMBTA92-7-F DIODES-MMBTA92-7-F Datasheet
110Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30060 Rev. 11 - 2
More results

Similar Description - MMBTA92_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
   PNP high-voltage transistor
1997 Apr 18
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
   PNP High Voltage Transistor
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
   High Voltage PNP Transistor
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
   PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
   PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
   PNP high-voltage transistor
16 May 2019
logo
NXP Semiconductors
BSP16 PHILIPS-BSP16 Datasheet
42Kb / 8P
   PNP high-voltage transistor
1999 Apr 28
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com