Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3368G-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M3368G-S08-T
Description  3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3368G-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  M3368G-S08-T Datasheet HTML 1Page - Unisonic Technologies M3368G-S08-T Datasheet HTML 2Page - Unisonic Technologies M3368G-S08-T Datasheet HTML 3Page - Unisonic Technologies M3368G-S08-T Datasheet HTML 4Page - Unisonic Technologies M3368G-S08-T Datasheet HTML 5Page - Unisonic Technologies M3368G-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M3368
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R124-003.Ba
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
DIP-8
500
Power Dissipation
SOP-8
PD
300
mW
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+=5V,TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Recommended Supply Voltage
V
+
4.75
13.0
V
Operating Current
Icc
S1=S2=S3=S4=S5=2
9.5
14.0
21.0
mA
Voltage Gain
Gv
Vin=1.0Vp-p, 1MHz, Vo/Vi, RL=1kΩ
5.5
6.0
6.5
dB
Frequency Characteristic
Gf
Vin=1.0Vp-p, Vo(10MHz)/Vo(1MHz),
RL=1kΩ
-1.0
+1.0
dB
Differential Gain
DG
Vin=1.0Vp-p, staircase, RL=1kΩ
0.3
%
Differential Phase
DP
Vin=1.0Vp-p, staircase, RL=1kΩ
0.3
deg.
Output Offset Voltage
Voff
S1=S2=S3=2, S5=1→2,
Vo: voltage change
±60
mV
Crosstalk
CT
Vin=1Vp-p, 4.43MHz, Vo/Vi
-65
dB
VCH
All inside SW: ON
2.4
Switch Change Voltage
VCL
All inside SW: OFF
0.8
V
Note: Unless specified, tested with three mode below.
(a) S1=1, S2=S3=S4=S5=2 (b) S2=S4=1, S1=S3=S5=2 (c) S1=S2=2, S3=S5=1, S4=1 or 2


Similar Part No. - M3368G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3368G-S08-T UTC-M3368G-S08-T Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
More results

Similar Description - M3368G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
logo
Unisonic Technologies
UTCM3368 UTC-UTCM3368 Datasheet
61Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366 UTC-M3366_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2265 NJRC-NJM2265 Datasheet
181Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER???
NJM2266 NJRC-NJM2266 Datasheet
178Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER????
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com