Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXXLD70 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LXXLD70
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD70 Datasheet(HTML) 7 Page - Unisonic Technologies

  LXXLD70 Datasheet HTML 1Page - Unisonic Technologies LXXLD70 Datasheet HTML 2Page - Unisonic Technologies LXXLD70 Datasheet HTML 3Page - Unisonic Technologies LXXLD70 Datasheet HTML 4Page - Unisonic Technologies LXXLD70 Datasheet HTML 5Page - Unisonic Technologies LXXLD70 Datasheet HTML 6Page - Unisonic Technologies LXXLD70 Datasheet HTML 7Page - Unisonic Technologies LXXLD70 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LXXLD70
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-674.a
TYPICAL APPLICATION CIRCUITS
1. Using an Output Capacitor with ESR≥18mΩ
UTC
LXXLD70
POK
EN
Enable
POK
EN
GND
FB
VOUT
VOUT
VIN
VCNTL
R3=1kΩ
R2=3.2kΩ
R1=1kΩ
COUT=150µF
VOUT +1.05V/7.0A
VIN +1.25V
CCNTL=1µF
CIN=22µF
C1=33nF
(in the range of 12 ~ 48nF)
VCNTL +5V
1
2
4
3
5
6
7
8
2. Using an MLCC as the Output Capacitor
COUT (μF)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
C1 (pF)
22
1.2
120
240
36
1.5
120
137.14
39
1.8
105
184
39
44
1.05
240
768
39
1.2
187
374
47
1.5
180
205.71
47
1.8
162
129.6
47


Similar Part No. - LXXLD70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD70 UTC-LXXLD70 Datasheet
268Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70G-SH2-R UTC-LXXLD70G-SH2-R Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70L-SH2-R UTC-LXXLD70L-SH2-R Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_18 Datasheet
268Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LXXLD70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30 Datasheet
220Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com