Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS78L15RTR-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L15RTR-G1
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L15RTR-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS78L15RTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS78L15RTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Data Sheet
10
Aug. 2011 Rev. 1. 9
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
17.3
18.0
18.7
V
22V
≤VIN≤33V,
1mA
≤IOUT≤100mA, PD≤0.75W
17.1
18.9
Line Regulation
VRLINE
22V
≤VIN≤33V
30
300
mV
Load Regulation
VRLOAD
1mA
≤IOUT≤100mA
30
170
mV
Quiescent Current
IQ
36
mA
Quiescent Current Change
∆IQ
23V
≤VIN≤33V
1.5
mA
1mA
≤IOUT≤40mA
0.1
Ripple Rejection
PSRR
f=120Hz, 23V
≤VIN≤33V
33
38
dB
Dropout Voltage
VDROP
IOUT=40mA
1.7
V
IOUT=100mA
1.8
Output Noise Voltage
NO
10Hz
≤f≤100kHz (Note 2)
150
µV
Output Voltage
Temperature Coefficient
∆VOUT/∆T
IOUT=5mA
1.5
mV/oC
(
∆VOUT/VOUT)/∆T
84
ppm/oC
Thermal Resistance
θJC
TO-92
200
oC/W
SOT-89
165
SOIC-8
180
AS78L18 (VIN=27V, IOUT=40mA, CIN=0.33µF, COUT=0.1µF, TJ=25oC, Bold typeface applies over -40oC≤TJ≤125oC, unless
otherwise specified.)
Note 2: 0.01
µF minimum load capacitance is recommended to limit high frequency noise.


Similar Part No. - AS78L15RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L15RTR-G1 BCDSEMI-AS78L15RTR-G1 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L15RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com