Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1084D-1.5G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084D-1.5G1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084D-1.5G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084D-1.5G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084D-1.5G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
6
Sept. 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum allowable
power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient tem-
perature is calculated using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the regulator will go into thermal shutdown.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec.)
TLEAD
260
oC
Thermal Resistance (Note 2)
θJA
TO-263-2
60
oC/W
TO-263-3
60
TO-220-3
60
TO-252-2 (1)/TO-252-2 (2)/
TO-252-2 (3)/TO-252-2 (4)
100
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
400
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
12
V
Operating Junction Temperature Range
TJ
0
125
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ1084D-1.5G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084D-1.5 BCDSEMI-AZ1084D-1.5 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084D-1.5E1 BCDSEMI-AZ1084D-1.5E1 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084D-1.5TR BCDSEMI-AZ1084D-1.5TR Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084D-1.5TRE1 BCDSEMI-AZ1084D-1.5TRE1 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084D-1.5TRE1 BCDSEMI-AZ1084D-1.5TRE1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084D-1.5G1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com