Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117CD-1.8G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117CD-1.8G1
Description  DROPOUT LINEAR REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117CD-1.8G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ1117CD-1.8G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117CD-1.8G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
LOW DROPOUT LINEAR REGULATOR
AZ1117C
2
Jan. 2012 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
H Package
(SOT-223)
Pin Configuration
VOUT
INPUT
OUTPUT
ADJ/GND
1
2
3
Figure 2. Pin Configuration of AZ1117C (Top View)
D Package
(TO-252-2 (1))
1
2
3
1
2
3
INPUT
OUTPUT
ADJ/GND
INPUT
OUTPUT
ADJ/GND
INPUT
OUTPUT
ADJ/GND
(TO-252-2 (2))
(TO-252-2 (3))
1
2
3
R Package
(SOT-89)
1
2
3
INPUT
OUTPUT
ADJ/GND
VOUT
(TO-252-2 (4))
INPUT
OUTPUT
ADJ/GND
VOUT
1
2
3


Similar Part No. - AZ1117CD-1.8G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117CD-1.8G1 BCDSEMI-AZ1117CD-1.8G1 Datasheet
798Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117CD-1.8G1 DIODES-AZ1117CD-1.8G1 Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117CD-1.8G1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3070-1 AD-LT3070-1 Datasheet
960Kb / 28P
   Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com