Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39151D4-3.3TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39151D4-3.3TRG1
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39151D4-3.3TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ39151D4-3.3TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39151D4-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Jan. 2011 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
General Description
The AZ39151 is a 1.5A, high accuracy linear voltage
regulator. It features 375mV dropout voltage at 1.5A
output current and low ground current over all operat-
ing conditions .
The AZ39151 is specifically designed for low voltage,
high current output systems, such as PC add-in cards
where their tiny dropout voltage and ground current
values are important attributes.
The AZ39151 has 3.3V and 5.0V versions.
The AZ39151 is available in TO-252-4 (PPAK) pack-
age.
Features
·
Minimum Guaranteed Output Current: 1.5A
·
Low Dropout Voltage: 375mV at IOUT=1.5A
·
Output Accuracy: ±1%
·
Low Ground Current
·
Internal Current and Thermal Limit
·
Reversed-battery and Reversed-lead Insertion
Protection
·
Fast Transient Response
·
TTL/CMOS Compatible Enable Pin
Applications
·
Set-top Box
·
Hi-end DVD Player/Recorder
·
LCD TV/PDP
·
LDO Linear Regulator for PC Add-in Cards
·
High Efficiency Linear Power Supplies
·
SMPS Post Regulator
Figure 1. Package Type of AZ39151
TO-252-4 (PPAK)


Similar Part No. - AZ39151D4-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151D4-5.0E1 BCDSEMI-AZ39151D4-5.0E1 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151D4-5.0TRE1 BCDSEMI-AZ39151D4-5.0TRE1 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39151D4-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com