Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV832MTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZV832MTR-G1
Description  Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV832MTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZV832MTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Advance Datasheet
Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
AZV832
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
6.0
V
Differential Input Voltage
VID
6.0
V
Input Voltage
VIN
-0.3 to VCC+0.5
V
Operating Junction Temperature
TJ
150
ºC
SOIC-8
150
Thermal Resistance
(Junction to Ambient)
θJA
MSOP-8
200
ºC /W
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering,10 Seconds)
TLEAD
260
ºC
ESD (Human Body Model)
4000
V
ESD (Machine Model)
300
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
1.6
5.5
V
Operation Ambient Temperature
Range
TA
-40
85
ºC


Similar Part No. - AZV832MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV832MTR-G1 BCDSEMI-AZV832MTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV832MTR-G1 DIODES-AZV832MTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

Similar Description - AZV832MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com