Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1084T-ADJE1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084T-ADJE1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084T-ADJE1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084T-ADJE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1084T-ADJE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
9
Sept. 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Typical Performance Characteristics
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Output Voltage vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
Output Current (A)
0
25
50
75
100
125
2.47
2.48
2.49
2.50
2.51
2.52
2.53
Junction Temperature (
oC)
0
20
40
60
80
100
120
1.246
1.248
1.250
1.252
1.254
1.256
1.258
1.260
Junction Temperature (
oC)
I
OUT=10mA
0
25
50
75
100
125
0.50
0.51
0.52
0.53
0.54
0.55
0.56
0.57
0.58
0.59
0.60
Junction Temperature (
0C)
Figure 6. Reference Voltage vs. Junction Temperature
Figure 7. Minimum Load Current vs. Junction Temperature


Similar Part No. - AZ1084T-ADJE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084T-ADJE1 BCDSEMI-AZ1084T-ADJE1 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084T-ADJE1 BCDSEMI-AZ1084T-ADJE1 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084T-ADJE1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com