Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

10N60 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. 10N60
Description  10A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 
   
 1 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N60
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-119.J
10A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N60 is a high voltage and high current power MOSFET,
designed to have better characteristics, such as fast switching time, low
gate charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 0.8Ω@VGS =10V
* Low gate charge ( typical 44nC)
* Low CRSS ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-220F
TO-263
1
1
1
TO-220F1
TO-220F2
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N60L-TA3-T
10N60G-TA3-T
TO-220
G
D
S
Tube
10N60L-TF1-T
10N60G-TF1-T
TO-220F1
G
D
S
Tube
10N60L-TF2-T
10N60G-TF2-T
TO-220F2
G
D
S
Tube
10N60L-TF3-T
10N60G-TF3-T
TO-220F
G
D
S
Tube
10N60L-TQ2-R
10N60G-TQ2-R
TO-263
G
D
S
Tape Reel
10N60L-TQ2-T
10N60G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl