Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT27ZTR-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # APT27ZTR-G1
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APT27ZTR-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  APT27ZTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APT27ZTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HIGH VOLTAGE NPN TRANSISTOR
APT27
Data Sheet
2
Aug. 2011 Rev 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCES
700
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9V
Collector Current
IC
0.8
A
Collector Peak Current
ICM
1.6
A
Base Current
IB
0.4
A
Base Peak Current
IBM
0.8
A
Power Dissipation, TA=25oC
PTOT
0.8
W
Operating Junction Temperature
150
oC
Storage Temperature Range
-55 to 150
oC
Ordering Information
Package
Part Number
Marking ID
Packing Type
TO-92
APT27Z-G1
APT27Z-G1
Bulk
APT27ZTR-G1
APT27Z-G1
Ammo
Circuit Type
G1: Green
APT27
-
TR: Ammo
Blank: Bulk
Package
Z: TO-92
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)


Similar Part No. - APT27ZTR-G1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT27GA90BD15 MICROSEMI-APT27GA90BD15 Datasheet
260Kb / 9P
   High Speed PT IGBT
APT27GA90BD15 MICROSEMI-APT27GA90BD15 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT27GA90BD15 MICROSEMI-APT27GA90BD15 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT27GA90SD15 MICROSEMI-APT27GA90SD15 Datasheet
260Kb / 9P
   High Speed PT IGBT
More results

Similar Description - APT27ZTR-G1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com