Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N60KG-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 10N60KG-TF3-T
Description  10A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60KG-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  10N60KG-TF3-T Datasheet HTML 1Page - Unisonic Technologies 10N60KG-TF3-T Datasheet HTML 2Page - Unisonic Technologies 10N60KG-TF3-T Datasheet HTML 3Page - Unisonic Technologies 10N60KG-TF3-T Datasheet HTML 4Page - Unisonic Technologies 10N60KG-TF3-T Datasheet HTML 5Page - Unisonic Technologies 10N60KG-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10N60K
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-743.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 10N60KG-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N60KG-TF3-T UTC-10N60KG-TF3-T Datasheet
266Kb / 6P
   N-CHANNEL POWER MOSFET
10N60KG-TF3-T UTC-10N60KG-TF3-T Datasheet
229Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 10N60KG-TF3-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N60 HSMC-H10N60 Datasheet
211Kb / 5P
   N-Channel Power MOSFET (600V,10A)
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
   600V,10A N-Channel MOSFET
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
   600V,10A N-Channel MOSFET
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
   600V, 10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
   600V,10A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com