Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3102VP-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3102VP-G1
Description  GREEN MODE PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3102VP-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3102VP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3102VP-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GREEN MODE PWM CONTROLLER
AP3102/V/L
9
Jan. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Typical Performance Characteristics (Continued)
Figure 8. Maximum VCS vs. Ambient Temperature
Figure 9. VBOK vs. Ambient Temperature
Figure 10. VCC OVP Voltage vs. Ambient Temperature
Figure 11. Oscillation Frequency vs. Bias Resistor
-40
-20
0
20
40
60
80
100
120
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
Ambient Temperature (
oC)
At V
BOK=0.95V
-40
-20
0
204060
80
100
120
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Ambient Temperature (
oC)
10
15
20
25
30
35
40
45
20
40
60
80
100
120
140
160
180
200
Bias Resistor (k)
f
OSC Typical
-40
-20
0
20
40
60
80
100
120
140
28.00
28.25
28.50
28.75
29.00
29.25
29.50
29.75
30.00
Ambient Temperature (
oC)


Similar Part No. - AP3102VP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3102V DIODES-AP3102V Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102VM-G1 DIODES-AP3102VM-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102VMTR-G1 DIODES-AP3102VMTR-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102VP-G1

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com