Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N90L-TF1-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 9N90L-TF1-T
Description  9A, 900V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90L-TF1-T Datasheet(HTML) 5 Page - Unisonic Technologies

  9N90L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-217.H
TEST CIRCUITS AND WAVEFORMS(Cont.)
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V
tP
RG
DUT
L
VDS
ID
VDD
Unclamped Inductive Switching Test Circuit
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Waveforms


Similar Part No. - 9N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N90L-TF1-T UTC-9N90L-TF1-T Datasheet
299Kb / 6P
   900V N-CHANNEL MOSFET
9N90L-TF1-T UTC-9N90L-TF1-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 9N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK9N90 AOSMD-AOK9N90 Datasheet
295Kb / 5P
   900V,9A N-Channel MOSFET
AOTF9N90 AOSMD-AOTF9N90 Datasheet
301Kb / 5P
   900V, 9A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90E TSC-TSM9N90E Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
9NE90 WXDH-9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
I9NE90 WXDH-I9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
F9NE90 WXDH-F9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
logo
Thinki Semiconductor Co...
HFA9N90 THINKISEMI-HFA9N90 Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90CZ THINKISEMI-SLW9N90CZ Datasheet
5Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA9N90M THINKISEMI-TSA9N90M Datasheet
1Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK3878 THINKISEMI-2SK3878 Datasheet
1Mb / 6P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com