Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N90L-T47-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9N90L-T47-T
Description  9A, 900V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90L-T47-T Datasheet(HTML) 2 Page - Unisonic Technologies

  9N90L-T47-T Datasheet HTML 1Page - Unisonic Technologies 9N90L-T47-T Datasheet HTML 2Page - Unisonic Technologies 9N90L-T47-T Datasheet HTML 3Page - Unisonic Technologies 9N90L-T47-T Datasheet HTML 4Page - Unisonic Technologies 9N90L-T47-T Datasheet HTML 5Page - Unisonic Technologies 9N90L-T47-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-217.H
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25°C)
ID
9.0
A
Pulsed Drain Current (Note 2)
IDM
36
A
Avalanche Current (Note 2)
IAR
9.0
A
Avalanche Energy
Single Pulsed(Note 3)
EAS
900
mJ
Repetitive(Note 2)
EAR
28
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
TO-247
PD
160
W
TO-3P
240
W
TO-220F1/ TO-220F
49
TO-220F2
51
Linear Derating Factor
above TC = 25°C
TO-247
1.28
W/°C
TO-3P
2.22
TO-220F1/ TO-220F
0.392
TO-220F2
0.408
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 21mH, IAS = 9.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤9.0A, di/dt ≤ 200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-247
θJA
50
°C/W
TO-3P
40
TO-220F1/ TO-220F
62.5
TO-220F2
62.5
Junction to Case
TO-247
θJC
0.78
°C/W
TO-3P
0.52
TO-220F1/ TO-220F
2.55
TO-220F2
2.45


Similar Part No. - 9N90L-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N90L-T47-T UTC-9N90L-T47-T Datasheet
299Kb / 6P
   900V N-CHANNEL MOSFET
9N90L-T47-T UTC-9N90L-T47-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 9N90L-T47-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK9N90 AOSMD-AOK9N90 Datasheet
295Kb / 5P
   900V,9A N-Channel MOSFET
AOTF9N90 AOSMD-AOTF9N90 Datasheet
301Kb / 5P
   900V, 9A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90E TSC-TSM9N90E Datasheet
882Kb / 8P
   900V, 9A, 1.4廓 N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
9NE90 WXDH-9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
I9NE90 WXDH-I9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
F9NE90 WXDH-F9NE90 Datasheet
1Mb / 11P
   9A 900V N-channel Enhancement Mode Power MOSFET
logo
Thinki Semiconductor Co...
HFA9N90 THINKISEMI-HFA9N90 Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90CZ THINKISEMI-SLW9N90CZ Datasheet
5Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA9N90M THINKISEMI-TSA9N90M Datasheet
1Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK3878 THINKISEMI-2SK3878 Datasheet
1Mb / 6P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com