Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2112R5A-1.8TRG1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2112R5A-1.8TRG1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2112R5A-1.8TRG1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2112R5A-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2112R5A-1.8TRG1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Preliminary Datasheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112
Aug. 2010 Rev 1. 0
BCD Semiconductor Manufacturing Limited
11
Typical Performance Characteristics
Figure 4. Output Voltage vs. Input Voltage
Figure 5. Output Voltage vs. Input Voltage
Figure 6. Quiescent Current vs. Temperature
Figure 7. Quiescent Current vs. Input Voltage
0.00.5
1.01.5
2.0
2.5
3.03.5
4.04.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
NO Load
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
V
OUT
=1.2V
Input Voltage (V)
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage(V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
V
OUT
=3.3V
No Load
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
46
48
50
52
54
56
58
60
62
64
66
68
70
V
IN=2.5V
No Load
Temperature (
OC)
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
6.0
0
10
20
30
40
50
60
70
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
No Load
Input Voltage_V
IN
(V)


Similar Part No. - AP2112R5A-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2112R5A-1.8TRG1 BCDSEMI-AP2112R5A-1.8TRG1 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112R5A-1.8TRG1 DIODES-AP2112R5A-1.8TRG1 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
More results

Similar Description - AP2112R5A-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com