Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2132BMP-1.5G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132BMP-1.5G1
Description  2A CMOS LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132BMP-1.5G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2132BMP-1.5G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2132BMP-1.5G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Preliminary Datasheet
2A CMOS LDO REGULATOR
AP2132B
Oct. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
VPG
1V/div
VOUT
1V/div
IIN
1A/div
Time 80 s/div
VCTRL
1V/div
Figure 16. VEN Start up Waveform
Figure 17. VCTRL Start up and Shut down Waveform
(VCTRL =5V, VEN =0 to 5V, VIN=2.2V, No Load)
(VCTRL =0 to 5V, VEN =5V, VIN=2.2V, No Load)
Figure 18. Load Transient
Figure 19. Line Transient
(VCTRL =VEN = 5V, VIN=2.2V, IOUT=0 to 2A)
(VCTRL =VEN = 5V, CIN=CCTRL=1µF, COUT=10µF,
VIN=2.2V to 3.2V, IOUT=10mA)


Similar Part No. - AP2132BMP-1.5G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132BMP-1.5G1 DIODES-AP2132BMP-1.5G1 Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132BMP-1.5G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com