Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2132MP-1.2G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132MP-1.2G1
Description  2A CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132MP-1.2G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2132MP-1.2G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132MP-1.2G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
2A CMOS LDO Regulator
AP2132
Oct. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2132
-
Circuit Type
G1: Green
Package
Blank: Tube
MP: PSOP-8
TR: Tape & Reel
Package
Temperature
Range
Version
Description
Part Number
Marking ID
Packing
Type
AP2132MP-1.2G1
2132MP-1.2G1
Tube
AP2132MP-1.2TRG1
2132MP-1.2G1
Tape & Reel
AP2132MP-1.5G1
2132MP-1.5G1
Tube
AP2132MP-1.5TRG1
2132MP-1.5G1
Tape & Reel
AP2132MP-1.8G1
2132MP-1.8G1
Tube
AP2132MP-1.8TRG1
2132MP-1.8G1
Tape & Reel
AP2132MP-2.5G1
2132MP-2.5G1
Tube
PSOP-8
-40 to 85ºC
Each fixed
output version
integrates ADJ
version
AP2132MP-2.5TRG1
2132MP-2.5G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
1.2: Fixed Output 1.2V
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V


Similar Part No. - AP2132MP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132MP-1.2G1 DIODES-AP2132MP-1.2G1 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
More results

Similar Description - AP2132MP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
   2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
   2A CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
   2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
   Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com