Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2114D-1.8TRG1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114D-1.8TRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114D-1.8TRG1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2114D-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2114D-1.8TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
9
Electrical Characteristics (Continued)
AP2114-3.3 Electrical Characteristics (Note 2)
(VIN=4.3V, CIN=4.7µF (Ceramic), COUT=4.7µF (Ceramic), Typical TA = 25°C, Bold typeface applies over -40OC≤TA≤85OC
ranges, unless otherwise specified (Note 3))
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =4.3V, 1mA ≤ IOUT ≤ 30mA
VOUT
×98.5%
3.3
VOUT
×101.5%
V
Maximum Output Current
IOUT(MAX)
VIN =4.3V, VOUT=3.25V to 3.35V
1.0
A
Load Regulation
VOUT/VOUT
I
OUT
VIN=4.3V, 1mA ≤ IOUT ≤1A
0.2
1.0
%/A
Line Regulation
VOUT/VOUT
V
IN
4.3V≤VIN≤6V, IOUT=30mA
0.02
±0.1
%/V
Dropout Voltage
VDROP
IOUT=1A
450
750
mV
Quiescent Current
IQ
VIN=4.3V, IOUT=0mA
65
90
µA
f=100Hz
65
Power
Supply
Rejection
Ratio
PSRR
Ripple 1Vp-p
VIN=4.3V,
IOUT=100mA
f=1KHz
65
dB
Output Voltage
Temperature Coefficient
VOUT/VOUT
T
IOUT=30mA
±30
ppm/°C
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz ≤ f ≤100kHz (No load)
30
µVRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
VEN Low Voltage
VIL
Enable logic low, regulator off
0.4
V
Standby Current
ISTD
VIN=3.5V, VEN in OFF mode
0.01
1.0
µA
Start-up Time
TS
No Load
20
µs
EN Pull Down Resistor
RPD
3.0
mΩ
VOUT Discharge Resistor
RDCHG
Set EN pin at Low
60
Thermal
Shutdown
Temperature
TOTSD
160
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
SOIC-8
74.6
PSOP-8
43.7
SOT-223
50.9
TO-252-2 (1) / TO-252-2 (3)
35
Thermal Resistance
(Junction to Case)
θJC
TO-263-3
22
°C /W
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.


Similar Part No. - AP2114D-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114D-1.8TRG1 BCDSEMI-AP2114D-1.8TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114D-1.8TRG1 DIODES-AP2114D-1.8TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114D-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com