Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPY46-MR Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # KPY46-MR
Description  Silicon Pressure Sensor Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY46-MR Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  KPY46-MR Datasheet HTML 1Page - Siemens Semiconductor Group KPY46-MR Datasheet HTML 2Page - Siemens Semiconductor Group KPY46-MR Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KPY 41-MR
KPY 46-MA/MR
Semiconductor Group
3
Package Outline
Note: The pressure medium has contact to the following materials : Din 1.4305 Stainless
Steel, Viton® Nitrile rubber, Solvay®, Gold-plated Kovar®, Gold/Tin Solder, Silicon.
The user must ensure compatibility to these materials.
The rear-side of the silicon diaphragm carries the positive supply voltage. As the
pressure medium acts directly onto the silicon diaphragm, media which are ionic
or otherwise conductive cannot be applied to the sensor as this will lead to its
malfunction and/or destruction.
Weight approx. 70 g
Dimension in mm
Stainless Steel Package
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.


Similar Part No. - KPY46-MR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY46A SIEMENS-KPY46A Datasheet
69Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY46R SIEMENS-KPY46R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results

Similar Description - KPY46-MR

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0341 ASC-DS-0341 Datasheet
1Mb / 3P
   Piezoresistive Silicon Pressure Sensor Module
logo
Intersema Sensoric SA
MS5535B INTERSEMA-MS5535B Datasheet
635Kb / 23P
   PRESSURE SENSOR MODULE
MS5535-30C INTERSEMA-MS5535-30C Datasheet
732Kb / 21P
   PRESSURE SENSOR MODULE
MS5535C INTERSEMA-MS5535C Datasheet
730Kb / 21P
   PRESSURE SENSOR MODULE
logo
HOKURIKU ELECTRIC INDUS...
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
   Barometric Pressure Sensor Module
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Fujikura Ltd.
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
   Pressure sensor module/Gauge,Differential
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com