Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2111 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2111 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
Jan. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2111 is CMOS process low dropout linear
regulator with enable function, the regulator delivers
a guaranteed 600mA (Min) continuous load current.
The AP2111 provides 1.2V 1.8V, 2.5V, 3.3V and
4.8V regulated output, and provides excellent output
accuracy 1.5%, it is also provides a excellent load
regulation, line regulation and excellent load transient
performance due to very fast loop response. The
AP2111 has built-in auto discharge function.
The AP2111 features low power consumption.
The AP2111 is available in SOIC-8, PSOP-8 and
SOT-223 packages.
Features
Output Voltage Accuracy: ±1.5%
Output Current: 600mA (Min)
Foldback Short Current Protection: 50mA
Enable Function to Turn On/Off VOUT
Low Dropout Voltage (3.3V):
250mV (Typ) @ IOUT=600mA
Excellent Load Regulation: 0.2%/A (Typ)
Excellent Line Regulation: 0.02%/V (Typ)
Low Quiescent Current: 55
µA (Typ)
Low Standby Current: 0.01
µA (Typ)
Low Output Noise: 50
µVRMS
PSRR: 65dB @ f=1kHz, 65dB @ f=100Hz
OTSD Protection
Stable with 1.0
µF Flexible Cap: Ceramic,
Tantalum and Aluminum Electrolytic
Operating Temperature Range: -40°C to 85°C
ESD: MM 400V, HBM 4000V
Applications
Laptop computer
Potable DVD
LCD Monitor
Figure 1. Package Types of AP2111
SOIC-8
PSOP-8
SOT-223


Similar Part No. - AP2111

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.8TRG1 BCDSEMI-AP2111H-1.8TRG1 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2111

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com