Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N40L-TA3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 8N40L-TA3-T
Description  8A, 400V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N40L-TA3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  8N40L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 8N40L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 8N40L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 8N40L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 8N40L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 8N40L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-577.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 8N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N40L-TA3-T UTC-8N40L-TA3-T Datasheet
189Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 8N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT9N40 AOSMD-AOT9N40 Datasheet
258Kb / 5P
   400V,8A N-Channel MOSFET
AOD9N40 AOSMD-AOD9N40 Datasheet
266Kb / 6P
   400V,8A N-Channel MOSFET
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
8N70 UTC-8N70 Datasheet
222Kb / 6P
   8A, 700V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
   8A, 600V N-CHANNEL POWER MOSFET
8N65 UTC-8N65 Datasheet
225Kb / 8P
   8A, 650V N-CHANNEL POWER MOSFET
8N90_1112 UTC-8N90_1112 Datasheet
187Kb / 5P
   8A, 900V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com