Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N90 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7N90
Description  7A, 900V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N90 Datasheet(HTML) 3 Page - Unisonic Technologies

  7N90 Datasheet HTML 1Page - Unisonic Technologies 7N90 Datasheet HTML 2Page - Unisonic Technologies 7N90 Datasheet HTML 3Page - Unisonic Technologies 7N90 Datasheet HTML 4Page - Unisonic Technologies 7N90 Datasheet HTML 5Page - Unisonic Technologies 7N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-475.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
900
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=250μA,Referenced to 25°C
0.96
V/°C
Drain-Source Leakage Current
IDSS
VDS=900V, VGS=0V
10
µA
VDS=720V, TC=125°C
100
µA
Gate-Source Leakage Current
Forward
IGSS
VDS=0V ,VGS=30V
100
nA
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.5A
1.5
1.8
Forward Transconductance
gFS
VDS=50V, ID=3.5A (Note 4)
5.7
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V,VGS=0V,f=1.0MHz
1440 1880
pF
Output Capacitance
COSS
140
185
pF
Reverse Transfer Capacitance
CRSS
17
23
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=720V, VGS=10V,
ID=7.0A (Note 4,5)
40
52
nC
Gate-Source Charge
QGS
8.5
nC
Gate-Drain Charge
QGD
20
nC
Turn-ON Delay Time
tD(ON)
VDD=450V, ID=7.0A,
RG=25Ω (Note 4.,5)
35
80
ns
Turn-ON Rise Time
tR
80
170
ns
Turn-OFF Delay Time
tD(OFF)
95
200
ns
Turn-OFF Fall Time
tF
55
120
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6.4
A
Maximum Body-Diode Pulsed Current
ISM
25.6
A
Drain-Source Diode Forward Voltage
VSD
IS =7.0A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
VGS=0V, IS=7.0A,
dIF/dt=100A/μs (Note 4)
400
ns
Body Diode Reverse Recovery Charge
QRR
4.3
μC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
7N90 NELLSEMI-7N90 Datasheet
394Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90A ISC-7N90A Datasheet
291Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - 7N90

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P7F90VX3 SHINDENGEN-P7F90VX3 Datasheet
1Mb / 8P
   Power MOSFETs 900V, 7A, N-channel
logo
STMicroelectronics
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
   N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
logo
Shindengen Electric Mfg...
2SK2674 SHINDENGEN-2SK2674 Datasheet
430Kb / 12P
   HVX-2 Series Power MOSFET(900V 7A)
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
   900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
logo
Shindengen Electric Mfg...
2SK2675 SHINDENGEN-2SK2675 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 7A)
logo
Taiwan Semiconductor Co...
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
   900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
   900V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com