Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9281RTR-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH9281RTR-G1
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9281RTR-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH9281RTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281/82
Nov. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AH9281/82 is a one-chip solution for driving
two-coil brushless DC motors and fans.
Based on the advanced CDMOS process, the IC
contains a Hall-effect sensor, dynamic offset
correction and powerful output drivers with 1200mA
peak output current capability.
Specially designed for driving large fans, the device
is optimized for low start-up voltage. Frequency
Generator or Rotation Detection is available. The
open drain output makes easier the connectivity with
any external interface such as hardware monitoring or
Super I/O IC.
The AH9281/82 is available in TO-95 and SOT-89-5
packages.
Features
High Sensitivity Integrated Hall Sensor
Low Start-up Voltage
5V, 12V and 24V Operation
Peak Output Current up to 1200mA
Power Efficient CMOS and Power MOSFETs
Built-in Output Protection Clamping Diode
Locked Rotor Shutdown and Auto-restart
Integrated Tachometer (AH9281) or Alarm
(AH9282) Signal Output
ESD Rating: 6000V (Human Body Model)
400V (Machine Model)
Applications
5V/12V/24V DC Brushless Motor/Fan
PC, Server, Laptop Cooling Fan
Power Supply Cooling Fan
Large or Small Fans
TO-95
SOT-89-5
Figure 1. Package Types of AH9281/82


Similar Part No. - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results

Similar Description - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com