Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPY54RK Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY54RK
Description  Silicon Piezoresistive Relative Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY54RK Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY54RK Datasheet HTML 1Page - Siemens Semiconductor Group KPY54RK Datasheet HTML 2Page - Siemens Semiconductor Group KPY54RK Datasheet HTML 3Page - Siemens Semiconductor Group KPY54RK Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KPY 51-RK
KPY 57-RK
Semiconductor Group
2
1) Frontside coupling applies pressure onto chip face.
Rearside coupling applies pressure through Kovar centre tube.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
1)
Unit
Frontside Rearside
Pressure overload
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
P
MAX
2
6
10
16
30
75
100
2
6
10
16
30
40
70
bar
Operating temperature range
T
A
− 40 …+ 125
˚C
Storage temperature range
T
stg
− 50 …+ 150
˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
8k
Sensitivity
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
s
16.8
11.0
5.6
4.0
1.8
0.88
0.47
24.0
15.0
8.8
6.0
2.6
1.2
0.67
32.0
24.0
12.5
9.0
4.0
2.0
1.0
mV/
Vbar
Output voltage
KPY 51 RK
KPY 52 RK
KPY 53 RK
KPY 54 RK
KPY 55 RK
KPY 56 RK
KPY 57 RK
V
fin
21
33
45
80
90
110
140
30
45
70
120
130
150
200
40
72
100
180
200
250
300
mV


Similar Part No. - KPY54RK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY54R SIEMENS-KPY54R Datasheet
119Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
More results

Similar Description - KPY54RK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-R SIEMENS-KPY51-R Datasheet
119Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com