Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5954 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM5954
Description  HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM5954 Datasheet(HTML) 4 Page - Unisonic Technologies

  LM5954 Datasheet HTML 1Page - Unisonic Technologies LM5954 Datasheet HTML 2Page - Unisonic Technologies LM5954 Datasheet HTML 3Page - Unisonic Technologies LM5954 Datasheet HTML 4Page - Unisonic Technologies LM5954 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM5954
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R101-035.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~+27
V
Feedback Voltage
VFB
-1.5~+27
V
Shutdown Voltage
VSHDN
-0.3~+27
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
20
°C/W
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over VIN=VOUT+2.5V, CIN=1µF, COUT=2.2mF,TA=-40°C ~ 85°C.
Typical values refer to TA=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6.5
25
V
Output Voltage Accuracy
VOUT
-2
2
%
Output Voltage Range
3
20
V
IOUT=0.1mA
75
120
140
uA
Quiescent Current
IQ
IOUT=300mA
8
12
22
mA
Load Current Range
IOUT
0
300
mA
Reference Voltage
VREF
-2%
1.235 +2%
V
Line Regulation
ΔVOUT
VOUT+2.5V<VIN<25V, IOUT=1mA
0.1
0.2
%
Load Regulation
ΔVOUT
0.1mA<IOUT<300mA
0.2
0.5
%
IOUT=0.1mA
50
80
150
Dropout Voltage
VD
IOUT=300mA
380
450
600
mV
PROTECTION
Over Temperature Shutdown
OTS
150
°C
Circuit Current Limit
ILIMIT
VIN=VOUT +2.5V
350
400
500
mA
Short Current
ISHORT
VOUT=0V
50
mA
SHUTDOWN
Input High Voltage
2
Input Low Voltage
VEN
0.7
V
EN pin Input Bias Current
IEN
VEN=25V
450
600
μA
Shutdown Supply Current
IQSHDN
EN=High, VIN=19V
0.1
1
mA


Similar Part No. - LM5954

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM590Z SEOUL-LM590Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LM591 SEOUL-LM591 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM591 SEOUL-LM591 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM591 SEOUL-LM591 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM591 SEOUL-LM591 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM5954

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
   HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5156 ANPEC-APL5156 Datasheet
309Kb / 18P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Global Mixed-mode Techn...
G922 GMT-G922 Datasheet
121Kb / 1P
   High Input Voltage, High PSRR, Low Quiescent Current LDO Regulator
logo
AiT Semiconductor Inc.
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
logo
Will Semiconductor Ltd.
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com