Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N60AL-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N60AL-TF3-T
Description  7A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60AL-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  7N60AL-TF3-T Datasheet HTML 1Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 2Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 3Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 4Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 5Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 6Page - Unisonic Technologies 7N60AL-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
VQW-R502-111,F
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
7
A
Continuous Drain Current
ID
7
A
Pulsed Drain Current (Note 2)
IDM
28
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
330
mJ
Repetitive (Note 2)
EAR
7.5
mJ
Power Dissipation
TO-220
PD
65
W
TO-220F/TO-220F1
30
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ(MAX)
3. L = 12.05mH, IAS = 7.4A, VDD=50V, RG = 27 Ω, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
83.3
°C/W
TO-220F/TO-220F1
62.5
Junction to Case
TO-220
θJC
1.92
°C/W
TO-220F/TO-220F1
4.16


Similar Part No. - 7N60AL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60AL-X-TA3-T UTC-7N60AL-X-TA3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60AL-X-TA3-T UTC-7N60AL-X-TA3-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60AL-X-TF1-T UTC-7N60AL-X-TF1-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60AL-X-TF3-T UTC-7N60AL-X-TF3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60AL-X-TF3-T UTC-7N60AL-X-TF3-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60AL-TF3-T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60_10 Datasheet
167Kb / 6P
   600V,7A N-Channel MOSFET
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
   600V,7A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
   600V 7A N-Channel MOSFET
Revision:20170701-P1
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
   7A 600V N CHANNEL ISOLATED POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7ND60CI TSC-TSM7ND60CI Datasheet
402Kb / 6P
   N-Channel Power MOSFET 600V, 7A, 1.2廓
logo
Jiangsu Donghai Semicon...
7N60 WXDH-7N60 Datasheet
899Kb / 11P
   7A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com