Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63P636ZP225 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM63P636ZP225
Description  64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P636ZP225 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM63P636ZP225 Datasheet HTML 7Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 8Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 9Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 10Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 11Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 12Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 13Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 14Page - Motorola, Inc MCM63P636ZP225 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MCM63P636
11
MOTOROLA FAST SRAM
READ/WRITE CYCLE TIMING (See Notes 1 and 2)
P
Sb l
MCM63P636–250
MCM63P636–225
MCM63P636–200
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Clock Cycle Time
tKHKH
4
4.4
5
ns
3, 4
Clock High Time
tKH
1.06
1.24
1.46
ns
4
Clock Low Time
tKL
1.06
1.24
1.46
ns
4
Strobe Clock Cycle Time
tSKHSKH
4
4.4
5
ns
3, 4
Strobe Clock High Time
tSKH
1.06
1.24
1.46
ns
4
Strobe Clock Low Time
tSKL
1.06
1.24
1.46
ns
4
Rising K to Rising SK
tKHSKH
1.6
2.4
1.8
2.6
2.1
2.9
3
Clock Access Time
tKHQV
3.9
4.3
4.9
ns
3
Clock to Output Low–Z
tKHQX
0
0
0
ns
5, 6
Clock to Output High–Z
tKHQZ
3.9
4.3
4.9
ns
5, 6
Strobe Clock Access Time
tSKHSTV
3.9
4.3
4.9
ns
3
Setup Times:
Address
ADS
Chip Enable
Data In
Data Out
Write
tAVKH
tSVKH
tEVKH
tDVKH
tQVSTV
tWVKH
0.5
1.2
0.5
1.2
1
1.2
0.5
1.5
0.5
1.5
1.1
1.5
0.5
1.5
0.5
1.5
1.15
1.5
ns
3
Hold Times:
Address
ADS
Chip Enable
Data In
Data Out
Write
tKHAX
tKHSX
tKHEX
tKHDX
tSTVQX
tKHWX
4
0.5
4
0.5
1
0.5
4.4
0.5
4.4
0.5
1.1
0.5
5
0.5
5
0.5
1.15
0.5
ns
3
NOTES:
1. Reads and writes are as defined in the Truth Table.
2. All read and write cycle timings are referenced from K, SK, or data strobes.
3. In order to reduce test correlation issues and to reduce the effects of application specific input edge rate variations on correlation between
data sheet parameters and actual system performance, FSRAM AC parametric specifications are always specified at VDDQ/2. In some
design exercises, it is desirable to evaluate timing using other reference levels. Since the maximum test input edge rate is known and is
given in the AC Test Conditions section of the data sheet as 1 V/ns, one can easily interpolate timing values to other reference levels.
4. Refer to Figure 5 for input reference levels.
5. This parameter is sampled and not 100% tested.
6. Measured at
± 200 mV from steady state.
VIH
VIL
VDDQ
VSS
VDDQ/2
tKH, tSKH
tKL, tSKL
tKHKH, tSKHSKH
Figure 6. AC Timing Diagram Clock Reference


Similar Part No. - MCM63P636ZP225

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P636ZP225

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com