Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1131C Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1131C
Description  LOW NOISE 150mA LDO REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1131C Datasheet(HTML) 5 Page - Unisonic Technologies

  L1131C_11 Datasheet HTML 1Page - Unisonic Technologies L1131C_11 Datasheet HTML 2Page - Unisonic Technologies L1131C_11 Datasheet HTML 3Page - Unisonic Technologies L1131C_11 Datasheet HTML 4Page - Unisonic Technologies L1131C_11 Datasheet HTML 5Page - Unisonic Technologies L1131C_11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L1131C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-308.c
ELECTRICAL CHARACTERISTICS(Cont.)
L1131C-2.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN = Set VOUT+1V, 1mA ≤ IOUT ≤30mA
2.45
2.55
V
Input Voltage
VIN
6.0
V
Load Regulation
OUT
OUT
ΔI
ΔV
VIN = Set VOUT+1V, 1mA ≤ IOUT≤ 150mA
22
40
mV
Output Current
IOUT
VIN−VOUT = 1.0V
150
mA
Supply Current
ISS
VIN = Set VOUT+1V, IOUT = 0mA
75
95
μA
Supply Current (Standby)
IST-BY VIN= Set VOUT+1V, VCE = GND
0.1
1.0
μA
Short Current Limit
ILIMIT
VOUT = 0V
40
mA
CE Input Voltage
High
VCEH
1.5
VIN
V
Low
VCEL
0.0
0.3
V
Output Noise
eN
BW = 10Hz ~ 100kHz
30
µVrms
CE Pull-down Resistance
RPD
0.7
2.0
8.0
MΩ
Ripple Rejection
RR
Ripple 0.5Vp−p
VIN−VOUT = 1.0V, IOUT = 30mA
f=1kHz
70
dB
f=10kHz
60
dB
Dropout Voltage
VD
IOUT=150mA
0.28
0.50
V
Line Regulation
IN
OUT
ΔV
ΔV
Set VOUT+0.5V ≤VIN≤6.0V, IOUT = 30mA
0.02
0.10
%/V
Output Voltage
Temperature Coefficient
ΔT
ΔVOUT
IOUT = 30mA, -40°C ≤ TOPR ≤85°C
±100
ppm/°С
On Resistance of Nch for Auto
Discharge
RLOW VCE = 0V
60


Similar Part No. - L1131C_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131C ETL-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - L1131C_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com