Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSM53014C1A Datasheet(PDF) 5 Page - OptoSupply International

Part # OSM53014C1A
Description  3.0 x 1.4 x 0.8mm SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM53014C1A Datasheet(HTML) 5 Page - OptoSupply International

  OSM53014C1A Datasheet HTML 1Page - OptoSupply International OSM53014C1A Datasheet HTML 2Page - OptoSupply International OSM53014C1A Datasheet HTML 3Page - OptoSupply International OSM53014C1A Datasheet HTML 4Page - OptoSupply International OSM53014C1A Datasheet HTML 5Page - OptoSupply International OSM53014C1A Datasheet HTML 6Page - OptoSupply International OSM53014C1A Datasheet HTML 7Page - OptoSupply International OSM53014C1A Datasheet HTML 8Page - OptoSupply International OSM53014C1A Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
http://www.optosupply.com
5
VER A.0
3
3..0
0 x
x 1
1..4
4 x
x 0
0..8
8m
mm
m S
SM
MD
D
OSXX3014C1A
V
Ve
er
r..A
A..2
2
Typical Electro-Optical Characteristics Curves
LED & Application Technologies


Similar Part No. - OSM53014C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM53002X1B68VW OPTOSUPPLY-OSM53002X1B68VW Datasheet
126Kb / 1P
   d6*37 68v warm white tubular power led
More results

Similar Description - OSM53014C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM55630C1A-150MA OPTOSUPPLY-OSM55630C1A-150MA_13 Datasheet
311Kb / 9P
   5.6 x 3.0 x 0.8mm SMD
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
   3.2 x 1.5 x 0.8mm Micro-miniature SMD
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
logo
Transko Electronics, In...
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
   TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
   Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
   Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
Transko Electronics, In...
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
   MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
   MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com