Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW33014C1A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSW33014C1A
Description  3.0 x 1.4 x 0.8mm SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW33014C1A Datasheet(HTML) 3 Page - OptoSupply International

  OSW33014C1A Datasheet HTML 1Page - OptoSupply International OSW33014C1A Datasheet HTML 2Page - OptoSupply International OSW33014C1A Datasheet HTML 3Page - OptoSupply International OSW33014C1A Datasheet HTML 4Page - OptoSupply International OSW33014C1A Datasheet HTML 5Page - OptoSupply International OSW33014C1A Datasheet HTML 6Page - OptoSupply International OSW33014C1A Datasheet HTML 7Page - OptoSupply International OSW33014C1A Datasheet HTML 8Page - OptoSupply International OSW33014C1A Datasheet HTML 9Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
http://www.optosupply.com
3
VER A.0
3
3..0
0 x
x 1
1..4
4 x
x 0
0..8
8m
mm
m S
SM
MD
D
OSXX3014C1A
V
Ve
er
r..A
A..2
2
*
Bin Range of Chromaticity Coordinates (OSW33014C1A)
LED & Application Technologies
Code
X1
Y1
X2
Y2
X3
Y3
X4
Y4
D06
0.3221
0.3523
0.3324
0.3612
0.3324
0.3520
0.3224
0.3420
D09
0.3224
0.3430
0.3324
0.3520
0.3323
0.3429
0.3228
0.3336
D12
0.3228
0.3336
0.3323
0.3429
0.3323
0.3337
0.3231
0.3243
D15
0.3231
0.3243
0.3323
0.3337
0.3322
0.3245
0.3234
0.3149
E03
0.3324
0.3612
0.3470
0.3738
0.3461
0.3637
0.3324
0.3520
E05
0.3324
0.3520
0.3461
0.3637
0.3452
0.3536
0.3323
0.3429
E07
0.3323
0.3429
0.3452
0.3536
0.3442
0.3435
0.3323
0.3337
E09
0.3323
0.3337
0.3442
0.3435
0.3433
0.3334
0.3322
0.3245


Similar Part No. - OSW33014C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW33002X1B36VW OPTOSUPPLY-OSW33002X1B36VW Datasheet
126Kb / 1P
   d6*l37tubular pure white 36v led
OSW33002X1B68VW OPTOSUPPLY-OSW33002X1B68VW Datasheet
126Kb / 1P
   d6*l37tubular pure white 68v led
More results

Similar Description - OSW33014C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM55630C1A-150MA OPTOSUPPLY-OSM55630C1A-150MA_13 Datasheet
311Kb / 9P
   5.6 x 3.0 x 0.8mm SMD
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
   3.2 x 1.5 x 0.8mm Micro-miniature SMD
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
logo
Transko Electronics, In...
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
   TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
   Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
   Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
Transko Electronics, In...
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
   MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
   MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com