Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HJ44H11 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # HJ44H11
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HJ44H11 Datasheet(HTML) 2 Page - Unisonic Technologies

  HJ44H11 Datasheet HTML 1Page - Unisonic Technologies HJ44H11 Datasheet HTML 2Page - Unisonic Technologies HJ44H11 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HJ44H11
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R209-024.D
ABSOLUTE MAXIMUM RATINGS (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Emitter Voltage
VCEO
80
V
Collector-Emitter Voltage
VCES
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
8
A
Base Current
IB
5
A
Power Dissipation (TC=25℃)
SOT-223
PD
5
W
TO-220
65
TO-252
20
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55~+150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=30mA, IB=0
80
V
Collector-Emitter Breakdown Voltage
BVCES
IC=1mA, IB=0
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
5
V
Collector Cut-Off Current
ICES
VCB=80V, VEB=0
10
uA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
50
uA
Collector-Emitter Saturation Voltage(Note) VCE(SAT) IC=8A, IB=0.4A
1
V
Base-Emitter Saturation Voltage(Note)
VBE(SAT) IC=8A, IB=0.8A
1.5
V
DC Current Gain (Note)
hFE1
VCE=1V, IC=2A
60
hFE2
VCE=1V, IC=4A
40
Output Capacitance
COB
VCB=10V
130
pF
Transition Frequency
fT
VCE=10V, IC=500mA, f=20MHz
50
MHz
Note: Pulse Test: Pulse Width ≤380us, Duty Cycle≤2%


Similar Part No. - HJ44H11

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HJ44H11 HSMC-HJ44H11 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
HJ44H11G-AA3-R UTC-HJ44H11G-AA3-R Datasheet
187Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ44H11G-TA3-T UTC-HJ44H11G-TA3-T Datasheet
187Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ44H11G-TN3-R UTC-HJ44H11G-TN3-R Datasheet
187Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ44H11G-TN3-T UTC-HJ44H11G-TN3-T Datasheet
187Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HJ44H11

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com