Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE8051-X-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # HE8051-X-T92-B
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8051-X-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  HE8051-X-T92-B Datasheet HTML 1Page - Unisonic Technologies HE8051-X-T92-B Datasheet HTML 2Page - Unisonic Technologies HE8051-X-T92-B Datasheet HTML 3Page - Unisonic Technologies HE8051-X-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HE8051
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-046.B
TYPICAL CHARACTERISTICS
Fig. 1 Static Characteristics
Collector-Emitter Voltage, VCE ( V)
0
0.4
0.8
1.2
1.6
2.0
0
0.1
0.2
0.3
0.4
0.5
Fig. 2 DC Current Gain
Collector Current, IC (mA)
VCE=1V
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
10
3
IB=3.0mA
IB=2.5mA
IB=2.0mA
IB=1.0mA
IB=1.5mA
IB=0.5mA
Fig. 3 Base-Emitter On Voltage
Collector Current, IC (mA)
Fig. 4 Saturation Voltage
IC=10·IB
10
0
0.2
0.6
0.8
1.0
1.2
Base-Emitter Voltage, VBE (V)
0.4
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
10
2
10
3
VBE(SAT)
VCE(SAT)
VCE=1V
10
1
10
2
10
3
Fig. 5 Current Gain-Bandwidth Product
Fig. 6 Collector Output Capacitance
Collector Current, IC (mA)
VCE=10V
Collector-Base Voltage, VCB (V)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
f=1MHz
IE=0
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3


Similar Part No. - HE8051-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HE8051 HSMC-HE8051 Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
HE8051 UTC-HE8051 Datasheet
75Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8051G-X-T92-B UTC-HE8051G-X-T92-B Datasheet
131Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8051G-X-T92-K UTC-HE8051G-X-T92-K Datasheet
131Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8051L-X-T92-B UTC-HE8051L-X-T92-B Datasheet
131Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results

Similar Description - HE8051-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
HE8050 UTC-HE8050 Datasheet
123Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
E-Tech Electronics LTD
G8050S ETL-G8050S Datasheet
168Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT8050 ARTSCHIP-MMBT8050 Datasheet
1Mb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S_11 Datasheet
190Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S Datasheet
188Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
S8050 UTC-S8050_09 Datasheet
121Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
E-Tech Electronics LTD
G8051S ETL-G8051S Datasheet
162Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Unisonic Technologies
D965SS UTC-D965SS_15 Datasheet
215Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8050 UTC-HE8050_15 Datasheet
221Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com