Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KOM2100B Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # KOM2100B
Description  6fach-Silizium-PIN-Fotodiodenarray 6-Chip Silicon PIN Photodiode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KOM2100B Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  KOM2100B Datasheet HTML 1Page - Siemens Semiconductor Group KOM2100B Datasheet HTML 2Page - Siemens Semiconductor Group KOM2100B Datasheet HTML 3Page - Siemens Semiconductor Group KOM2100B Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
471
KOM 2100 B
KOM 2100 BF
Quantenausbeute
Quantum yield
η
0.9
0.85
Electrons
Photon
Maximale Abweichung der
Fotoempfindlichkeit vom Mittelwert
Max. deviation of the system spectral
sensitivity from the average
S
± 10
± 10
%
Kurzschlußstrom,
E
e = 0.5 mW/cm
2
Short-circuit current
I
SC
8.5
8
µA
Leerlaufspannung,
E
e = 0.5 mW/cm
2
Open-circuit voltage
V
O
320 (
≥ 250)
320 (
≥ 250)
mV
Anstiegszeit/Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 50 Ω, VR = 10 V;
λ = 850 nm; I
P = 800 µA
t
r, tf
13
13
ns
Durchlaßspannung,
I
F = 100 mA; E = 0
Forward voltage
V
F
1.2
1.2
V
Kapazität
Capacitance
V
R = 0 V; f = 1 MHz; E = 0
C
0
25
25
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
– 2.6
mV/K
Temperaturkoeffizient von
I
P
Temperature coefficient of
I
P
TC
I
0.18
0.18
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 10 V
NEP
2.6
× 10–14
2.8
× 10–14
W
√Hz
Nachweisgrenze,
V
R = 10 V
Detection limit
D*
6.1
× 1012
5.7
× 1012
cm ·
√Hz
W
Kennwerte (
T
A = 25 °C, λ = 950 nm) für jede Einzeldiode
Characteristics (
T
A = 25 °C, λ = 950 nm) per single diode
Bezeichnung
Description
Sym-
bol
Wert
Value
Einheit
Unit
KOM 2100 B
KOM 2100 BF


Similar Part No. - KOM2100B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
logo
OSRAM GmbH
KOM2125 OSRAM-KOM2125 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
KOM2125FA OSRAM-KOM2125FA Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
More results

Similar Description - KOM2100B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
   Silicon PIN Photodiode Array
Rev. 2, 20-May-99
logo
Siemens Semiconductor G...
KOM2057L SIEMENS-KOM2057L Datasheet
181Kb / 4P
   3fach-Silizium-Fotodiodenzeile 3-Chip Silicon Photodiode Array
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH204F SIEMENS-SFH204F Datasheet
86Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH205 SIEMENS-SFH205 Datasheet
157Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com