Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSO5PA87A1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSO5PA87A1A
Description  8mm Straw Premium Orange LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSO5PA87A1A Datasheet(HTML) 1 Page - OptoSupply International

  OSO5PA87A1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
8mm Straw Premium Orange LED
OSO5PA87A1A
Features
Outline Dimension
High Luminous LEDs
88m
mm
m S
Sttrraaw
w
Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
8.0
2.54
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1
2
8.0
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/ 5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
600
605
610
nm
Luminous Intensity*
Iv
IF=20mA
2180
3000
-
mcd
50% Power Angle
1/2
IF=20mA
-
100
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=450°C/W
Rth(J-a)=350°C/W
Rth(J-a)=250°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
30
20
10
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
70
60
50


Similar Part No. - OSO5PA87A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5PA8131A OPTOSUPPLY-OSO5PA8131A Datasheet
107Kb / 1P
   8mm Round Premium Orange LED
OSO5PA82E1A OPTOSUPPLY-OSO5PA82E1A Datasheet
110Kb / 1P
   8mm Flat Premium Orange LED
More results

Similar Description - OSO5PA87A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5JA87A1A OPTOSUPPLY-OSO5JA87A1A Datasheet
136Kb / 1P
   8mm Straw Orange LED
OSR5PA87A1A OPTOSUPPLY-OSR5PA87A1A Datasheet
157Kb / 1P
   8mm Straw Premium Red LED
OSO5PA56A1A OPTOSUPPLY-OSO5PA56A1A Datasheet
118Kb / 1P
   4.8mm Straw Premium Orange LED
OSO5MA87A1A OPTOSUPPLY-OSO5MA87A1A Datasheet
140Kb / 1P
   8mm Straw Phoenix Orange LED
OSO5GA87A1A OPTOSUPPLY-OSO5GA87A1A Datasheet
136Kb / 1P
   8mm Straw Giga Orange LED
OSO5PA82E1A OPTOSUPPLY-OSO5PA82E1A Datasheet
110Kb / 1P
   8mm Flat Premium Orange LED
OSO5PA8131A OPTOSUPPLY-OSO5PA8131A Datasheet
107Kb / 1P
   8mm Round Premium Orange LED
OSXXX387E1U OPTOSUPPLY-OSXXX387E1U Datasheet
117Kb / 1P
   premium power 8mm straw 3 in 1 led
OSR5RU87A1A OPTOSUPPLY-OSR5RU87A1A Datasheet
136Kb / 1P
   8mm Straw Red LED
OSV5YL87A1A OPTOSUPPLY-OSV5YL87A1A_12 Datasheet
111Kb / 1P
   8mm Straw Violet LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com