Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD615-4 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # ILD615-4
Description  PHOTOTRANSISTOR OPTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD615-4 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILD615-4 Datasheet HTML 1Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 2Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 3Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 4Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5–2
ILD/Q615
Characteristics, TA=25°C
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1
1.15
1.3
V
IF=10 mA
Breakdown Voltage
VBR
630
V
IR=10 µA
Reverse Current
IF
0.01
10
µAV
R=6 V
Capacitance
CO
25
pF
VR=0 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
750
°C/W
Detector
Capacitance
CCE
6.8
pF
VCE=5 V, f=1 MHz
Collector-Emitter Leakage Current, -1, -2
ICEO
250
nA
VCE=10 V
Collector-Emitter Leakage Current, -3, -4
ICEO
5
100
nA
VCE=10 V
Collector-Emitter Breakdown Voltage
BVCEO
70
V
ICE=0.5 mA
Emitter-Collector Breakdown Voltage
BVECO
7V
IE=0.1 mA
Thermal Resistance, Junction to Lead
RTHJL
500
°C/W
Package Transfer Characteristics
Channel/Channel CTR Match
CTRX/CTRY
1 to 1
2 to 1
IF=10 mA, VCE=5 V
ILD/Q615-1
Saturated Current Transfer Ratio
CTRCEsat
25
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
CTRCE
40
60
80
%
IF=10 mA, VCE=5 V
Current Transfer Ratio
CTRCE
13
30
%
IF=1 mA, VCE=5 V
ILD/Q615-2
Saturated Current Transfer Ratio
CTRCEsat
40
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
CTRCE
63
80
125
%
IF=10 mA, VCE=5 V
Current Transfer Ratio
CTRCE
22
45
%
IF=1 mA, VCE=5 V
ILD/Q615-3
Saturated Current Transfer Ratio
CTRCEsat
60
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
CTRCE
100
150
200
%
IF=10 mA, VCE=5 V
Current Transfer Ratio
CTRCE
34
70
%
IF=1 mA, VCE=5 V
ILD/Q615-4
Saturated Current Transfer Ratio
CTRCEsat
100
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
CTRCE
160
200
320
%
IF=10 mA, VCE=5 V
Current Transfer Ratio
CTRCE
56
90
%
IF=1 mA, VCE=5 V
Isolation and Insulation
Common Mode Rejection, Output High
CMH
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=0 mA
Common Mode Rejection, Output Low
CML
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=10 mA
Common Mode Coupling Capacitance
CCM
0.01
pF
Package Capacitance
CI-O
0.8
pF
VIO=0 V, f=1 MHz
Insulation Resistance
RS
10
14
VIO=500 V, TA=25°C
Channel to Channel Isolation
500
VAC


Similar Part No. - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD615-4 VISHAY-ILD615-4 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD615-4 VISHAY-ILD615-4 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILD615-4 VISHAY-ILD615-4 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X001 VISHAY-ILD615-4X001 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X006 VISHAY-ILD615-4X006 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
More results

Similar Description - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com