Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N50L-T2Q-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5N50L-T2Q-T
Description  5A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50L-T2Q-T Datasheet(HTML) 2 Page - Unisonic Technologies

  5N50L-T2Q-T Datasheet HTML 1Page - Unisonic Technologies 5N50L-T2Q-T Datasheet HTML 2Page - Unisonic Technologies 5N50L-T2Q-T Datasheet HTML 3Page - Unisonic Technologies 5N50L-T2Q-T Datasheet HTML 4Page - Unisonic Technologies 5N50L-T2Q-T Datasheet HTML 5Page - Unisonic Technologies 5N50L-T2Q-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-476.e
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
5
A
Pulsed (Note 2)
IDM
20
A
Avalanche Current (Note 2)
IAR
5
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
300
mJ
Repetitive (Note 2)
EAR
7.3
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220F
PD
38
W
TO-252
54
W
TO-262
125
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 21.5mH, IAS = 5A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-252
110
°C/W
TO-262
62.5
°C/W
Junction to Case
TO-220F
θJC
3.25
°C/W
TO-252
2.13
°C/W
TO-262
1
°C/W


Similar Part No. - 5N50L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50L-T2Q-T UTC-5N50L-T2Q-T Datasheet
177Kb / 6P
   500V N-CHANNEL POWER MOSFET
5N50L-T2Q-T UTC-5N50L-T2Q-T Datasheet
235Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N50L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
   5A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
logo
List of Unclassifed Man...
FQP5N50 ETC-FQP5N50 Datasheet
222Kb / 6P
   500V, 5A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD5N50 AOSMD-AOD5N50 Datasheet
289Kb / 6P
   500V,5A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
   5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com