Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60L-TM3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 4N60L-TM3-T
Description  4A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-TM3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  4N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-061,Q
TEST CIRCUITS AND WAVEFORMS (Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Switching Test Circuit
Switching Waveforms
10V
Charge
QGS
QGD
QG
VGS
Gate Charge Test Circuit
Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 4N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60L-TM3-T UTC-4N60L-TM3-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-TM3-T UTC-4N60L-TM3-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60L-TM3-T UTC-4N60L-TM3-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
4N60L-TM3-T UTC-4N60L-TM3-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60L-TM3-T UTC-4N60L-TM3-T Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com