Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILH100 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # ILH100
Description  HERMETIC PHOTOTRANSISTOR OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILH100 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  ILH100 Datasheet HTML 1Page - Siemens Semiconductor Group ILH100 Datasheet HTML 2Page - Siemens Semiconductor Group ILH100 Datasheet HTML 3Page - Siemens Semiconductor Group ILH100 Datasheet HTML 4Page - Siemens Semiconductor Group ILH100 Datasheet HTML 5Page - Siemens Semiconductor Group ILH100 Datasheet HTML 6Page - Siemens Semiconductor Group ILH100 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5–6
ILH200
Figure 27. Propagation delay versus collector load and
base-emitter resistance for IF=5 mA
Figure 28. Propagation delay versus collector load and
base-emitter resistance for IF=5 mA
Figure 29. Propagation delay versus collector load and
base-emitter resistance for IF=10 mA
Figure 30. Propagation delay versus collector load and
base-emitter resistance for IF=10 mA
100000
10000
1000
100
1
10
100
1000
Open(tpHL)
Open(tpLH)
1M
Ω(tpHL)
1M
Ω(tpLH)
470K(tpHL)
470K(tpLH)
100K
Ω(tpHL)
100K
Ω(tpLH)
RL - Collector Load Resistor -
Base-emitter
resistor
Ta = 25
°C
IF = 5 mA
Vcc = 5.25V
Vth = 1.5V
100000
10000
1000
100
0
5
10
15
20
RL - Collector Load Resistor -
82K
Ω(tpHL)
82K
Ω(tpLH)
47K
Ω(tpHL)
47K
Ω(tpLH)
33K
Ω(tpHL)
33K
Ω(tpLH)
22K
Ω(tpHL)
22K
Ω(tpLH)
Base-emitter
resistor
Ta = 25
°C
IF = 5 mA
Vcc = 5.25V
Vth = 1.5V
RL - Collector Load Resistor
-
1000 00
10000
1 000
100
1
10
10 0
10 00
Open (tpH L)
Open (tpL H)
1M
Ω(tpHL)
1M
Ω(tpLH)
4 70K(tpHL)
4 70K(tpLH)
1 00K
Ω(tpH L)
1 00K
Ω(tpLH)
82K
Ω(tpHL)
82K
Ω(tpLH )
RL - Colle ctor Load Resistor -
Ta = 25
°C
IF = 10 m A
Vcc = 5.25 V
Vth = 1 .5 V
Base-emi tter
resistor
100000
10000
1000
100
0
5
10
15
47K
Ω(tpHL)
47K
Ω(tpLH)
33K
Ω(tpHL)
33K
Ω(tpLH)
22K
Ω(tpHL)
22K
Ω(tpLH)
15K
Ω(tpHL)
15K
Ω(tpHL)
10K
Ω(tpHL)
10K
Ω(tpLH)
RL - Collector Load Resistor -
Base-emitter
resistor
Ta = 25
°C
IF = 10 mA
Vcc = 5.25 V
Vth = 1.5 V
Figure 24. Switching time waveform and test schematic—
saturated test condition
Figure 25. Propagation delay versus temperature and col-
lector load resistance for IF=10 mA
Figure 26. Propagation delay versus temperature and
collector load resistance for IF=20 mA
IF
VO
VTH=1.5 V
tPHL
tPLH
RL
VO
VCC
RBE
125
100
75
50
25
0
-25
-50
0
5
10
15
20
25
30
47K
Ω tpHL
10K
Ω tpHL
10K
Ω tpLH
2.2K
Ω tpHL
2.2K
Ω tpLH
Ta - Ambient Temperature -
°C
Vcc = 5.25, Rbe = 47K
Vth = 1.5V
47K
Ω tpLH
125
100
75
50
25
0
-25
-50
0
5
10
15
20
25
30
35
47K
Ω tpHL
10K
Ω tpHL
10K
Ω tpLH
2.2K
Ω tpHL
2.2K
Ω tpLH
Ta - Ambient Temperature -
°C
Vcc = 5.25V, Rbe = 47K
Vth = 1.5 V
47K
Ω tpLH


Similar Part No. - ILH100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
ILHB VISHAY-ILHB Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB Datasheet
132Kb / 5P
   High Current Multilayer Ferrite Beads
01-Jan-2022
ILHB-0603 VISHAY-ILHB-0603 Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
More results

Similar Description - ILH100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
   Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLS100 SKYWORKS-OLS100 Datasheet
356Kb / 6P
   Hermetic Surface-Mount Phototransistor Optocoupler
June 19, 2017
logo
Fairchild Semiconductor
MCT4R FAIRCHILD-MCT4R Datasheet
184Kb / 3P
   RELIABILITY CONDITIONED HERMETIC PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
OLF100 ETC1-OLF100 Datasheet
21Kb / 3P
   Phototransistor - Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLS010 SKYWORKS-OLS010 Datasheet
306Kb / 6P
   Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLF100 SKYWORKS-OLF100 Datasheet
342Kb / 6P
   Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
   Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com