Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ61HX-0000+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAXQ61HX-0000+
Description  16-Bit Microcontroller with Infrared Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61HX-0000+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAXQ61HX-0000+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ61HX-0000+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
16-Bit Microcontroller with Infrared Module
6
_______________________________________________________________________________________
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = VRST to 3.6V, TA = 0°C to +70°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WAKE-UP TIMER
Wake-Up Timer Interval
tWAKEUP
1/fNANO
65,535/
fNANO
s
IR
Carrier Frequency
fIR
(Note 4)
fCK/2
Hz
Note 1: Specifications to 0°C are guaranteed by design and are not production tested.
Note 2: The power-fail warning monitor and the power-fail reset monitor track each other with a minimum delta between the two of
0.11V.
Note 3: The power-fail reset and power-on-reset (POR) detectors operate in tandem to ensure that one or both signals are active at
all times when VDD < VRST. Doing so ensures the device maintains the reset state until the minimum operating voltage is
achieved.
Note 4: Guaranteed by design and not production tested.
Note 5: Measured on the VDD pin and the part not in reset. All inputs are connected to GND or VDD. Outputs do not source/sink any
current.
Note 6: The power-check interval (PCI) can be set to always on, 1024, 2048, or 4096 nanopower ring oscillator clock cycles.
Note 7: Current consumption during POR when powering up while VDD < VPOR.
Note 8: The minimum amount of time that VDD must be below VPFW before a power-fail event is detected.
Note 9: The maximum total current, IOH (max) and IOL (max), for all listed outputs combined should not exceed 32mA to satisfy the
maximum specified voltage drop. This does not include the IRTX output.


Similar Part No. - MAXQ61HX-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ61HX-0000++ MAXIM-MAXQ61HX-0000+ Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ61HX-0000++ MAXIM-MAXQ61HX-0000+ Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
More results

Similar Description - MAXQ61HX-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com