Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ61H Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXQ61H
Description  16-Bit Microcontroller with Infrared Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61H Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXQ61H_12 Datasheet HTML 5Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 6Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 7Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 8Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 9Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 10Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 11Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 12Page - Maxim Integrated Products MAXQ61H_12 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
16-Bit Microcontroller with Infrared Module
_______________________________________________________________________________________
9
Detailed Description
The MAXQ61H microcontroller provides integrated,
low-cost solutions that simplify the design of IR commu-
nications equipment such as universal remote controls.
Standard features include the highly optimized, single-
cycle, MAXQ 16-bit RISC core, 36KB of user ROM
memory, 1.28KB data RAM, a soft stack, 16 general-
purpose registers, and three data pointers. The MAXQ
core offers the industry’s best MIPS/mA rating, allowing
developers to achieve the same performance as com-
peting microcontrollers at substantially lower clock
rates. Combining reduced active-mode current with the
MAXQ61H stop-mode current (0.2µA, typical) results in
increased battery life. Application-specific peripherals
include flexible timers for generating IR carrier frequen-
cies and modulation, a high-current IR drive pin capa-
ble of sinking up to 25mA current, and output pins
capable of sinking up to 5mA ideal for IR applications,
general-purpose I/O pins ideal for keypad matrix input,
and a power-fail-detection circuit to notify the applica-
tion when the supply voltage is nearing the minimum
operating voltage of the microcontroller.
At the heart of the MAXQ61H is the MAXQ 16-bit RISC
core. The MAXQ61H operates from DC to 12MHz and
almost all instructions execute in a single clock cycle
(83.3ns at 12MHz), enabling nearly 12MIPS true code
operation. When active device operation is not
required, an ultra-low-power stop mode can be invoked
from software, resulting in quiescent current consump-
tion of less than 0.2µA (typ) and 2.0µA (max). The com-
bination of high-performance instructions and ultra-low
stop-mode current increases battery life over compet-
ing microcontrollers. An integrated POR circuit with
brownout support resets the device to a known condi-
tion following a power-up cycle or brownout condition.
Additionally, a power-fail warning flag is set and a
power-fail interrupt can be generated when the system
voltage falls below the power-fail warning voltage,
VPFW. The power-fail warning feature allows the appli-
cation to notify the user that the system supply is low
and appropriate action should be taken.
Microprocessor
The MAXQ61H is based on Maxim’s low-power, 16-bit
MAXQ family of RISC cores. The core supports the
Harvard memory architecture with separate 16-bit pro-
gram and data address buses. A fixed 16-bit instruction
word is standard, but data can be arranged in 8 or 16
bits. The MAXQ core in the MAXQ61H family is imple-
mented as a pipelined processor with performance
approaching 1MIPS/MHz. The 16-bit data path is imple-
mented around register modules, and each register
module contributes specific functions to the core. The
accumulator module consists of sixteen 16-bit registers
and is tightly coupled with the arithmetic logic unit
(ALU). A configurable soft stack supports program flow.
Execution of instructions is triggered by data transfer
between functional register modules or between a func-
tional register module and memory. Because data
movement involves only source and destination mod-
ules, circuit-switching activities are limited to active
modules only. For power-conscious applications, this
approach localizes power dissipation and minimizes
switching noise. The modular architecture also provides
a maximum of flexibility and reusability that is important
for a microprocessor used in embedded applications.
The MAXQ instruction set is highly orthogonal. All arith-
metical and logical operations can use any register in
conjunction with the accumulator. Data movement is
supported from any register to any other register.
Memory is accessed through specific data-pointer reg-
isters with automatic increment/decrement support.
Memory
The MAXQ61H incorporates several memory types that
include the following:
• 36KB user ROM
• 1.28KB SRAM data memory
• 1.024KB utility ROM
• Soft stack
Block Diagram
16-BIT MAXQ
RISC CPU
8kHz NANO
RING
1.28KB SRAM
IR TIMER
36KB USER ROM
SECURE MMU
16-BIT TIMER
16-BIT TIMER
GPIO
VOLTAGE
MONITOR
IR DRIVER
REGULATOR
WATCHDOG
CLOCK
1.024KB ROM
MAXQ61H


Similar Part No. - MAXQ61H_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
More results

Similar Description - MAXQ61H_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com